Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # FXC
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

FXC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  FXC Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2(20℃,
120Hz)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
FXC
SERIES
FXC
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+105℃
400∼450Vdc
±20%
(20℃,
120Hz)
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
400∼450
15
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃, Flame Retardant, Overvoltage Venting Specification, Snap-in Terminal Type
◆FEATURES
・Load Life : 105℃ 2000 hours
・This series adopts the electrolyte which was excellent in fire retardancy compared
  with the conventional series.
・This series has specification of vent operation in overvoltage situation.
・RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
●The specifications and the size depend on the safety requirement.(flame retardant, overvoltage vent operation)
 Please consult us for any further details.
□□□
Rated Voltage
FXC
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
(PVC)
VENT
●SN[4(3.5)mm]terminal type
Terminal code : SN(Tin plating)
※For φ35, 3.5±0.5
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
Low Temperature Stability
Impedance Ratio(MAX)
◆OPTION
OOE
Code
PVC Sleeve without plate


Similar Part No. - FXC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
FXC KGS-FXC Datasheet
491Kb / 1P
Large, screw mount clamp with an easy adjustable arm
FXC-2030-V0 KGS-FXC-2030-V0 Datasheet
491Kb / 1P
Large, screw mount clamp with an easy adjustable arm
FXC-3240 KGS-FXC-3240 Datasheet
491Kb / 1P
Large, screw mount clamp with an easy adjustable arm
logo
LEMO Connectors
FXC.4A.675.CTCC11 LEMO-FXC.4A.675.CTCC11 Datasheet
64Kb / 3P
Plug - Straight
FXC.4A.675.CTCC11Z LEMO-FXC.4A.675.CTCC11Z Datasheet
64Kb / 3P
Plug - Straight
More results

Similar Description - FXC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com