Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-04E/SS Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16CE623-04E/SS
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04E/SS Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16CE623-04E/SS Datasheet HTML 51Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 52Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 53Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 54Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 55Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 56Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 57Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 58Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 55
PIC16CE62X
10.4.5
TIME-OUT SEQUENCE
On power-up the time-out sequence is as follows: First
PWRT time-out is invoked after POR has expired. Then
OST is activated. The total time-out will vary based on
oscillator configuration and PWRTE bit status. For
example, in RC mode with PWRTE bit erased (PWRT
disabled), there will be no time-out at all. Figure 10-9,
Figure 10-10
and
Figure 10-11
depict
time-out
sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 10-10). This is useful for testing purposes
or to synchronize more than one PICmicro device oper-
ating in parallel.
Table 10-5 shows the reset conditions for some special
registers, while Table 10-6 shows the reset conditions
for all the registers.
10.4.6
POWER CONTROL (PCON)/STATUS
REGISTER
The power control/status register, PCON (address
8Eh) has two bits.
Bit0
is
BO
(Brown-out).
BO
is
unknown
on
power-on-reset. It must then be set by the user and
checked on subsequent resets to see if BO = 0
indicating that a brown-out has occurred. The BO
status bit is a don’t care and is not necessarily
predictable if the brown-out circuit is disabled (by
setting BODEN bit = 0 in the Configuration word).
Bit1
is
POR
(Power-on-reset).
It
is
a
‘0’ on
power-on-reset and unaffected otherwise. The user
must write a ‘1’ to this bit following a power-on-reset.
On a subsequent reset if POR is ‘0’, it will indicate that
a power-on-reset must have occurred (VDD may have
gone too low).
TABLE 10-3:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 10-4:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up
from SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024 TOSC
1024 TOSC
72 ms + 1024 TOSC
1024 TOSC
RC
72 ms
—
72 ms
—
POR
BOR
TO
PD
0
X
1
1
Power-on-reset
0
X
0
X
Illegal, TO is set on POR
0
X
X
0
Illegal, PD is set on POR
1
0
X
X
Brown-out Reset
1
1
0
1
WDT Reset
1
1
0
0
WDT Wake-up
1
1
u
u
MCLR reset during normal operation
1
1
1
0
MCLR reset during SLEEP
62X.bk Page 55 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com