Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-04E/SS Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16CE623-04E/SS
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04E/SS Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16CE623-04E/SS Datasheet HTML 100Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 101Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 102Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 103Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 104Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 105Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 106Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 107Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 105
PIC16CE62X
PIC16CE62X PRODUCT IDENTIFICATION SYSTEM
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type.
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Package:
P
=
PDIP
SO
=
SOIC (Gull Wing, 300 mil body)
SS
=
SSOP (209 mil)
JW*
=
Windowed CERDIP
Temperature
-
=
0˚C to +70˚C
Range:
I
=
–40˚C to +85˚C
E
=
–40˚C to +125˚C
Frequency
04
=
200kHz (LP osc)
Range:
04
=
4 MHz (XT and RC osc)
20
=
20 MHz (HS osc)
Device:
PIC16CE62X :VDD range 3.0V to 5.5V
PIC16CE62XT:VDD range 3.0V to 5.5V (Tape and Reel)
Examples:
a) PIC16CE623-04/P301 =
Commercial temp., PDIP pack-
age, 4 MHz, normal VDD limits,
QTP pattern #301.
b) PIC16CE623-04I/SO =
Industrial temp., SOIC pack-
age, 4MHz, industrial VDD lim-
its.
PART NO.
-XX
X /XX XXX
62X.bk Page 105 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com