Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F627A-E/ML Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F627A-E/ML
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F627A-E/ML Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F627A-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 63Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 64Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 66Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 68Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 69Page - Microchip Technology PIC16F627A-E/ML Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 64
Preliminary
 2002 Microchip Technology Inc.
10.5
Comparator Outputs
The comparator outputs are read through the CMCON
register. These bits are read only. The comparator
outputs may also be directly output to the RA3 and RA4
I/O pins. When the CM<2:0> = 110 or 001, multiplexors
in the output path of the RA3 and RA4/T0CK1 pins will
switch and the output of each pin will be the unsynchro-
nized output of the comparator. The uncertainty of each
of the comparators is related to the input offset voltage
and the response time given in the specifications.
Figure 10-3 shows the comparator output block
diagram.
The TRISA bits will still function as an output enable/
disable for the RA3 and RA4/T0CK1 pins while in this
mode.
FIGURE 10-3:
MODIFIED COMPARATOR OUTPUT BLOCK DIAGRAM
Note 1: When reading the PORT register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert an analog input, according to the
Schmitt Trigger input specification.
2: Analog levels on any pin that is defined as
a digital input may cause the input buffer
to consume more current than is speci-
fied.
D
Q
EN
To RA3 or RA4/T0CK1 pin
Set CMIF bit
D
Q
EN
CL
RESET
From other Comparator
To Data Bus
CnV
OUT
CnI
NV
Q1
RD CMCON
CMCON<7:6>
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com