Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C601E/PT Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC18C601E/PT
Description  High-Performance ROM-less Microcontrollers with External Memory Bus
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601E/PT Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC18C601E/PT Datasheet HTML 43Page - Microchip Technology PIC18C601E/PT Datasheet HTML 44Page - Microchip Technology PIC18C601E/PT Datasheet HTML 45Page - Microchip Technology PIC18C601E/PT Datasheet HTML 46Page - Microchip Technology PIC18C601E/PT Datasheet HTML 47Page - Microchip Technology PIC18C601E/PT Datasheet HTML 48Page - Microchip Technology PIC18C601E/PT Datasheet HTML 49Page - Microchip Technology PIC18C601E/PT Datasheet HTML 50Page - Microchip Technology PIC18C601E/PT Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 47
PIC18C601/801
4.6
Instruction Flow/Pipelining
An “Instruction Cycle” consists of four Q cycles (Q1,
Q2, Q3 and Q4). The instruction fetch and execute are
pipelined, such that fetch takes one instruction cycle,
while decode and execute takes another instruction
cycle. However, due to the pipelining, each instruction
effectively executes in one cycle. If an instruction
causes the program counter to change (e.g., GOTO),
two cycles are required to complete the instruction
(Example 4-2).
A fetch cycle begins with the program counter (PC)
incrementing in Q1.
In the execution cycle, the fetched instruction is latched
into the “Instruction Register” (IR) in cycle Q1. This
instruction is then decoded and executed during the
Q2, Q3, and Q4 cycles. Data memory is read during Q2
(operand read) and written during Q4 (destination
write).
4.7
Instructions in Program Memory
The program memory is addressed in bytes. Instruc-
tions are stored as two bytes or four bytes in program
memory. The Least Significant Byte of an instruction
word is always stored in a program memory location
with an even address (LSB = ’0’). Figure 4-1 shows an
example of how instruction words are stored in the pro-
gram memory. To maintain alignment with instruction
boundaries, the PC increments in steps of 2 and the
LSB will always read ’0’ (see Section 4.4).
The CALL and GOTO instructions have an absolute pro-
gram memory address embedded into the instruction.
Since instructions are always stored on word bound-
aries, the data contained in the instruction is a word
address. The word address is written to PC<20:1>,
which accesses the desired byte address in program
memory. Instruction #2 in Figure 4-1 shows how the
instruction “GOTO
0x06
” is encoded in the program
memory. Program branch instructions that encode a
relative address offset operate in the same manner.
The offset value stored in a branch instruction repre-
sents the number of single word instructions by which
the PC will be offset. Section 20.0 provides further
details of the instruction set.
EXAMPLE 4-2:
INSTRUCTION PIPELINE FLOW
TABLE 4-1:
INSTRUCTIONS IN PROGRAM MEMORY
Instruction
Opcode
Memory
Address
—
——
000007h
MOVLW 055h
0E55h
55h
000008h
0Eh
000009h
GOTO 000006h
EF03h, F000h
03h
00000Ah
EFh
00000Bh
00h
00000Ch
F0h
00000Dh
MOVFF 123h, 456h
C123h, F456h
23h
00000Eh
C1h
00000Fh
56h
000010h
F4h
000011h
—
——
000012h
All instructions are single cycle, except for any program branches. These take two cycles, since the fetch instruction
is “flushed” from the pipeline, while the new instruction is being fetched and then executed.
TCY0TCY1TCY2TCY3TCY4TCY5
1. MOVLW 55h
Fetch 1
Execute 1
2. MOVWF PORTB
Fetch 2
Execute 2
3. BRA SUB_1
Fetch 3
Execute 3
4. BSF
PORTA, BIT3 (Forced NOP)
Fetch 4
Flush
5. Instruction @ address SUB_1
Fetch SUB_1 Execute SUB_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com