Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # HFG
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HFG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  HFG Datasheet HTML 1Page - RUBYCON CORPORATION HFG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
HFG
Vdc
Cap(μF)
560
680
820
1000
1200
1500
1800
2200
2700
35×50
35×55
35×60
35×70
35×80
35×95
3.05
3.35
3.64
4.12
4.58
5.22
40×50
40×60
40×65
40×80
40×90
3.46
4.05
4.33
5.11
5.59
45×50
45×55
45×65
45×75
45×85
45×100
3.71
4.01
4.62
5.19
5.69
6.43
◆STANDARD SIZE
φD
φ35
φ40
φ45
350
Vdc
Cap(μF)
560
680
820
1000
1200
1500
1800
2200
35×50
35×60
35×65
35×75
35×95
3.03
3.50
3.78
4.25
4.97
40×50
40×55
40×65
40×75
40×90
3.38
3.69
4.24
4.75
5.40
45×50
45×60
45×70
45×80
45×100
3.61
4.26
4.83
5.36
6.30
φD
φ35
φ40
φ45
400
Vdc
Cap(μF)
470
560
680
820
1000
1200
1500
1800
35×50
35×55
35×65
35×75
35×85
35×100
2.85
3.12
3.57
4.00
4.44
5.00
40×50
40×55
40×60
40×70
40×80
40×95
3.22
3.52
3.81
4.32
4.80
5.48
45×50
45×60
45×65
45×80
45×90
3.52
4.13
4.40
5.21
5.70
φD
φ35
φ40
φ45
420
Vdc
Cap(μF)
390
470
560
680
820
1000
1200
1500
1800
35×50
35×55
35×60
35×70
35×80
35×95
2.76
3.03
3.30
3.76
4.20
4.78
40×50
40×60
40×70
40×75
40×90
3.14
3.66
4.18
4.47
5.12
45×50
45×55
45×65
45×70
45×85
45×100
3.41
3.71
4.34
4.59
5.36
6.08
φD
φ35
φ40
φ45
450
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com