Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F870/PQ Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F870/PQ
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/PQ Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F870/PQ Datasheet HTML 41Page - Microchip Technology PIC16F870/PQ Datasheet HTML 42Page - Microchip Technology PIC16F870/PQ Datasheet HTML 43Page - Microchip Technology PIC16F870/PQ Datasheet HTML 44Page - Microchip Technology PIC16F870/PQ Datasheet HTML 45Page - Microchip Technology PIC16F870/PQ Datasheet HTML 46Page - Microchip Technology PIC16F870/PQ Datasheet HTML 47Page - Microchip Technology PIC16F870/PQ Datasheet HTML 48Page - Microchip Technology PIC16F870/PQ Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 45
PIC16F870/871
TABLE 4-2:
REGISTERS ASSOCIATED WITH DATA EEPROM/PROGRAM FLASH
Address
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on:
POR,
BOR
Value on
all other
resets
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
10Dh
EEADR
EEPROM address register
xxxx xxxx
uuuu uuuu
10Fh
EEADRH
—————
EEPROM address high
xxxx xxxx
uuuu uuuu
10Ch
EEDATA
EEPROM data resister
xxxx xxxx
uuuu uuuu
10Eh
EEDATH
—
—
EEPROM data resister high
xxxx xxxx
uuuu uuuu
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
x--- u000
18Dh
EECON2
EEPROM control resister2 (not a physical resister)
8Dh
PIE2
—
—
—
EEIE
—
—
—
—
---0 ----
---0 ----
0Dh
PIR2
—
—
—
EEIF
—
—
—
—
---0 ----
---0 ----
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented read as ’0’. Shaded cells are not used by the
Timer1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com