Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1014 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1014
Description  50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 2 Page - Microchip Technology

  TC1014 Datasheet HTML 1Page - Microchip Technology TC1014 Datasheet HTML 2Page - Microchip Technology TC1014 Datasheet HTML 3Page - Microchip Technology TC1014 Datasheet HTML 4Page - Microchip Technology TC1014 Datasheet HTML 5Page - Microchip Technology TC1014 Datasheet HTML 6Page - Microchip Technology TC1014 Datasheet HTML 7Page - Microchip Technology TC1014 Datasheet HTML 8Page - Microchip Technology TC1014 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1014/TC1015/TC1185
DS21335B-page 2
© 2002 Microchip Technology Inc.
General Description
The
TC1014/TC1015/TC1185
are
high
accuracy
(typically ±0.5%) CMOS upgrades for older (bipolar)
low dropout regulators such as the LP2980. Designed
specifically for battery-operated systems, the devices’
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 50
µA at full load (20 to 60 times lower than
in bipolar regulators).
The devices’ key features include ultra low noise oper-
ation (plus optional Bypass input), fast response to step
changes in load, and very low dropout voltage –
typically 85mV (TC1014); 180mV (TC1015); and
270mV (TC1185) at full load. Supply current is reduced
to 0.5
µA (max) and VOUT falls to zero when the
shutdown input is low. The devices incorporate both
over-temperature and over-current protection.
The TC1014/TC1015/TC1185 are stable with an output
capacitor of only 1
µF and have a maximum output
current of 50mA, 100mA and 150mA, respectively. For
higher output current regulators, please see the
TC1107/TC1108/TC1173 (IOUT = 300mA) data sheets.
Typical Application
TC1014
TC1015
TC1185
VOUT
SHDN
GND
Bypass
470pF
Reference
Bypass Cap
(Optional)
1
µF
+
VIN
VIN
VOUT
1
5
2
4
3
Shutdown Control
(from Power Control Logic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com