Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXF Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # KXF
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

KXF Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  KXF_15 Datasheet HTML 1Page - RUBYCON CORPORATION KXF_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
20×20
20×20
22×20
25×20
25×20
0.98
1.16
1.31
1.59
1.77
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
20×20
22×20
25×20
25×20
30×20
30×20
35×20
35×20
0.81
0.98
1.02
1.25
1.30
1.46
1.51
1.55
39
47
56
68
82
100
120
150
180
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
0.39
0.40
0.49
0.55
0.60
0.75
0.80
0.85
20×20
22×20
22×20
25×20
30×20
30×20
35×20
0.38
0.45
0.48
0.53
0.58
0.70
0.80
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
0.36
0.41
0.43
0.50
0.53
0.61
0.70
0.80
20×20
22×20
22×20
25×20
25×20
30×20
30×20
35×20
0.80
0.90
0.95
1.15
1.20
1.36
1.43
1.51
20×20
22×20
25×20
25×20
30×20
30×20
35×20
0.80
0.87
0.95
1.15
1.20
1.41
1.43
20×20
22×20
25×20
25×20
30×20
30×20
35×20
0.70
0.80
0.85
1.02
1.12
1.25
1.45
20×20
22×20
22×20
25×20
30×20
30×20
35×20
0.65
0.74
0.77
0.95
1.00
1.16
1.25
20×20
22×20
22×20
25×20
30×20
30×20
35×20
35×20
0.41
0.48
0.51
0.57
0.65
0.70
0.85
0.90
20×20
20×20
22×20
25×20
25×20
30×20
35×20
35×20
0.38
0.40
0.45
0.54
0.57
0.65
0.78
0.85
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
0.35
0.38
0.42
0.50
0.52
0.61
0.64
0.80
20×20
20×20
22×20
25×20
25×20
1.06
1.25
1.38
1.68
1.80
20×20
22×20
22×20
25×20
25×20
0.98
1.08
1.29
1.58
1.61
20×20
22×20
22×20
25×20
30×20
0.80
0.94
1.04
1.29
1.45
20×20
22×20
25×20
25×20
30×20
0.87
1.02
1.15
1.34
1.60
20×20
22×20
22×20
25×20
30×20
30×20
0.83
0.99
1.10
1.20
1.47
1.52
20×20
20×20
22×20
25×20
25×20
30×20
0.65
0.70
0.84
1.04
1.19
1.44
20×20
20×20
22×20
25×20
25×20
30×20
0.60
0.71
0.78
0.95
1.09
1.32
10
16
25
35
50
63
80
100
Vdc
400
420
450
◆STANDARD SIZE
Cap(μF)
Cap(μF)
Vdc
160
180
200
220
250
315
350
385
Cap(μF)
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
KXF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com