Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDT Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LDT
Description  POLYMER MULTI-LAYER CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LDT Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LDT Datasheet HTML 1Page - RUBYCON CORPORATION LDT Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POLYMER MULTI-LAYER CAPACITORS
◆SPECIFICATIONS
◆FEATURES
・Ultra Miniaturized.
・High Capacitance.
SERIES
LDT
Items
Characteristics
−55∼+105℃
10∼35Vdc
4.7∼47μF
(475∼476)
 E6 series
1.5% or less(1kHz±20%, 5Vrms or less)
Nothing abnormal shall be found, when applying 150% of the rated voltage for 1 minute.
300MΩ・μF or more (After 1 minute application of rated voltage)
±20%
(M)
Category Temperature Range
Rated Voltage Range
Capacitance Range
Capacitance Tolerance
(tanδ)
Dissipation Factor
Voltage Proof
Insulation Resistance
LDT
□□□
Rated Voltage
LDT
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
□
Capacitance Tolerance
TV
 
(See below
table)
Taping Ammo Pack
Lead Cut
Lead Style
Symbol
◆STANDARD SIZE
Part No.
Size(㎜)
Capacitance
(μF)
Rated Voltage
(Vdc)
A
B
C
F±1.5 LS±0.5 φd±0.05
**:Lead Forming
◆DIMENSIONS
(mm)
Lead cut style
L
3.5
4.0
4.5
5.0
Code
B1
B3
B5
B7
105℃ Standard, Lead Wire Type
◆PART NUMBER
10Vdc
16Vdc
25Vdc
35Vdc
10
16
25
35
Code
Rated Voltage
4.7μF
10μF
22μF
475
106
226
Code
Capacitance
±20%
M
Code
Tolerance
47
33
15
22
4.7
6.8
10
10
16
25
35
8.5
8.5
8.6
8.5
8.7
8.6
8.5
5.2
5.2
5.2
5.2
5.2
5.2
5.2
14.6
14.6
11.1
14.6
8.6
11.1
14.6
6.0
6.0
6.0
6.0
6.0
6.0
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.6
0.6
0.6
0.6
0.6
0.6
0.6
10LDT476M**
16LDT336M**
25LDT156M**
25LDT226M**
35LDT475M**
35LDT685M**
35LDT106M**
・Coated with flame-retardant (UL94 V‐0) epoxy resin.
・RoHS compliance.
A max
B max
φd±0.05
F
C max
5.0max
L±0.5
LS±0.5


Similar Part No. - LDT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDT-C514RI LUMEX-LDT-C514RI Datasheet
46Kb / 1P
TRIPLE DIGHT, SEVEN SEGMENT DISPLAY, 635mm RED, GREY FONT/WHITE SEGMENTS, COMMON CATHODE
More results

Similar Description - LDT

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MU RUBYCON-MU Datasheet
200Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35MU684MA23216 RUBYCON-35MU684MA23216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST684MB23225 RUBYCON-50ST684MB23225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com