Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54T-LPE/SS Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16C54T-LPE/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LPE/SS Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16C54T-LPE/SS Datasheet HTML 84Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 85Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 86Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 87Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 88Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 89Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 90Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 91Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 217 page
background image
PIC16C5X
PIC16C54/55/56/57
DS30453B-page 88
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 12-21: IOL vs. VOL, VDD = 3 V
TABLE 12-2:
INPUT CAPACITANCE FOR
PIC16C54/56
Pin
Typical Capacitance (pF)
18L PDIP
18L SOIC
RA port
5.0
4.3
RB port
5.0
4.3
MCLR
17.0
17.0
OSC1
4.0
3.5
OSC2/CLKOUT
4.3
3.5
T0CKI
3.2
2.8
All capacitance values are typical at 25
°C. A part-to-part
variation of
±25% (three standard deviations) should be
taken into account.
45
40
35
30
25
20
15
10
5
0
0.0
0.5
1.0
1.5
2.0
2.5
VOL (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
3.0
FIGURE 12-22: IOL vs. VOL, VDD = 5 V
TABLE 12-3:
INPUT CAPACITANCE FOR
PIC16C55/57
Pin
Typical Capacitance (pF)
28L PDIP
(600 mil)
28L SOIC
RA port
5.2
4.8
RB port
5.6
4.7
RC port
5.0
4.1
MCLR
17.0
17.0
OSC1
6.6
3.5
OSC2/CLKOUT
4.6
3.5
T0CKI
4.5
3.5
All capacitance values are typical at 25
°C. A part-to-part
variation of
±25% (three standard deviations) should be
taken into account.
90
80
70
60
50
40
30
20
10
0
0.0
0.5
1.0
1.5
2.0
2.5
VOL (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com