Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20E/P Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16CE623-20E/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20E/P Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16CE623-20E/P Datasheet HTML 82Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 83Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 84Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 85Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 86Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 87Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 88Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 89Page - Microchip Technology PIC16CE623-20E/P Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
PIC16CE62X
DS40182A-page 86
Preliminary
© 1998 Microchip Technology Inc.
TABLE 13-2:
COMPARATOR SPECIFICATIONS
Operating Conditions: Vdd range as described in Table 12-1, -40
°C<TA<+125°C. Current consumption is specified in
Table 13-1.
TABLE 13-3:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions:Vdd range as described in Table 12-1, -40
°C<TA<+125°C. Current consumption is specified in
Table 13-1.
Param No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D300
Input offset voltage
VIOFF
± 5.0
± 10
mV
D301
Input common mode voltage
VICM
0
VDD - 1.5
V
D302
CMRR
CMRR
+55*
db
300
Response Time(1)
TRESP
150*
400*
ns
PIC16CE62X
301
Comparator Mode Change to
Output Valid
TMC2OV
10*
µs
* These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at (VDD - 1.5)/2 while the other input transitions from
VSS to VDD.
Param
No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D310
Resolution
VRES
VDD/24
VDD/32
LSB
D311
Absolute Accuracy
VRAA
+1/4
+1/2
LSB
LSB
Low Range (VRR=1)
High Range
(VRR=0)
D312
Unit Resistor Value (R)
VRUR
2K*
Ω
Figure 9-2
310
Settling Time(1)
TSET
10*
µs
* These parameters are characterized but not tested.
Note 1: Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.
62X.bk Page 86 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com