Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLE Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LLE
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LLE Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LLE_15 Datasheet HTML 1Page - RUBYCON CORPORATION LLE_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
160
200
250
5.6
10
15
22
33
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
27
1.8
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
6.3×11
8×9
8×11.5
10×9
10×12.5
10×16
6.3×11
6.3×11
6.3×11
8×9
8×9
8×9
8×11.5
10×9
10×12.5
10×16
6.3×11
6.3×11
6.3×11
8×9
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
52
70
92
95
121
158
36
42
49
56
62
66
80
88
113
149
33
36
42
53
62
68
76
90
97
127
104
133
174
180
217
284
72
84
98
112
117
125
152
167
214
268
66
72
84
106
124
129
144
171
184
241
φD
φd
F
6.3
0.5
2.5
8
3.5
10 12.5
5
16
18
7.5
0.8
0.6
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
LLE
400
450
1
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
6.8
4.7
6.8
8.2
10
15
22
33
47
68
6.3×11
8×9
8×9
8×9
8×9
8×11.5
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
10×16
10×20
10×20
10×20
12.5×20
12.5×25
12.5×25
16×20
16×25
18×20
18×25
18×31.5
24
28
30
33
36
40
43
47
48
57
61
85
54
66
84
84
135
180
240
292
392
312
480
520
48
56
60
66
72
80
86
94
96
114
122
161
180
220
280
280
450
600
600
730
980
780
1200
1300
◆STANDARD SIZE
Rated Ripple Current
(mA r.m.s., 105℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
Rated Ripple Current
(mA r.m.s., 105℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)
+
−



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com