Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSH
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSH Datasheet HTML 1Page - RUBYCON CORPORATION LSH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH
Size
φDXL(㎜)
Size
φDXL(㎜)
350
400
Capacitance
(μF)
Ripple Current
(A.r.m.s. 105℃,120Hz)
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
51×83
51×98
51×118
64×99
64×114
64×134
77×116
77×136
90×116
90×136
90×176
90×186
90×231
51×88
51×103
64×89
64×114
64×114
64×134
77×116
77×136
90×116
90×136
90×176
90×201
90×236
5.5
6.2
7.0
8.5
9.5
10.5
13.0
14.5
18.3
20.6
24.2
26.3
30.2
5.2
5.9
6.9
7.9
8.9
10.0
12.1
13.7
17.2
19.5
22.5
25.5
28.5
Rated Voltage
(Vdc)
450
Capacitance
(μF)
Ripple Current
(A.r.m.s. 105℃,120Hz)
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
51×88
51×103
51×133
51×143
64×114
64×134
77×116
77×136
90×116
90×146
90×176
90×201
90×241
4.9
5.5
6.3
7.0
8.4
9.3
11.4
12.7
16.1
18.6
21.2
23.6
27.0
Rated Voltage
(Vdc)
◆Tightening torque of bolt and Permissible current of terminal.
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com