Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSW
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSW_15 Datasheet HTML 1Page - RUBYCON CORPORATION LSW_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
180000
220000
270000
330000
390000
470000
560000
680000
36×50
3.0
36×63
3.3
36×83
3.6
36×83
3.9
36×83
4.3
36×98
5.1
36×118
5.8
51×83
7.0
51×83
7.6
51×98
7.7
51×118
9.0
64×99
10.1
64×119
11.6
64×139
13.5
77×101
15.8
77×121
17.0
77×141
20.4
77×151
21.5
90×151
22.3
36×50
3.2
36×63
3.5
36×63
3.8
36×83
4.3
36×83
4.7
36×98
5.6
36×118
6.4
51×83
7.5
51×83
7.5
51×98
8.7
51×118
10.3
64×99
11.2
64×119
12.9
64×139
15.2
77×101
16.0
77×121
17.7
77×141
21.5
90×141
22.4
36×50
3.6
36×63
3.9
36×83
4.2
36×83
5.0
36×98
5.5
36×98
5.7
36×118
7.5
51×83
7.5
51×98
9.3
51×98
9.4
51×118
11.7
64×99
12.4
64×119
15.1
77×101
15.5
77×101
16.3
77×121
19.1
77×141
23.4
90×141
23.7
36×50
2.8
36×50
2.5
36×50
3.8
36×63
4.3
36×83
4.7
36×83
5.1
36×98
6.6
36×118
6.7
51×83
7.1
51×83
8.4
51×98
9.9
51×98
10.3
51×118
11.4
64×99
12.5
64×119
15.5
77×101
15.5
77×121
17.9
77×141
20.0
77×151
24.1
90×141
26.5
36×50
4.2
36×50
4.0
36×63
4.6
36×83
5.2
36×83
5.4
36×98
6.5
36×98
7.5
36×118
8.9
51×83
10.0
51×98
10.7
51×98
12.0
51×118
13.1
64×99
13.7
64×119
16.4
77×101
16.7
77×121
20.5
77×141
21.3
36×63
5.0
36×83
5.2
36×83
5.8
36×98
6.8
36×98
6.9
36×118
8.4
51×83
8.4
51×98
11.3
51×98
11.4
51×118
12.5
64×99
14.2
64×119
16.6
77×101
17.5
36×63
5.5
36×50
4.4
36×63
6.0
36×83
6.6
36×83
7.5
36×98
7.6
36×118
9.0
51×83
10.2
51×83
11.0
51×98
13.4
51×118
14.0
64×99
14.5
64×119
16.0
77×101
18.0
77×101
19.5
77×121
24.3
77×121
20.0
77×141
24.1
90×141
26.5
77×141
25.2
77×151
26.7
90×141
29.1
77×151
26.0
90×141
27.2
10
16
25
35
50
63
80
◆STANDARD SIZE
Cap(μF)
Vdc
330
270
220
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
36×50
1.0
36×63
1.0
36×63
1.2
36×83
1.4
36×98
1.5
36×98
1.7
51×83
2.3
51×98
2.4
51×118
2.7
51×118
3.0
64×99
3.5
64×119
3.6
77×101
4.1
77×121
4.8
77×141
5.7
90×141
6.7
90×141
7.4
36×50
0.9
36×50
1.0
36×63
1.2
36×83
1.3
36×83
1.5
36×98
1.7
36×98
1.9
36×118
2.1
51×98
2.5
51×98
2.7
51×118
3.3
64×99
3.8
64×119
4.6
77×101
4.6
77×121
5.3
77×141
6.2
90×141
7.4
90×141
8.1
36×50
1.2
36×50
1.0
36×63
1.3
36×83
1.5
36×83
1.6
36×98
1.9
36×118
2.2
51×83
2.3
51×98
2.7
51×98
3.1
51×118
3.6
64×99
4.2
64×119
4.3
77×101
4.9
77×121
5.8
77×141
7.3
77×121
6.3
90×141
8.9
36×50
1.3
36×63
1.6
36×83
1.7
36×83
1.9
36×98
2.3
36×98
2.4
36×118
2.9
36×118
3.0
51×98
3.8
51×118
4.5
64×99
5.2
64×119
5.2
64×119
5.7
77×101
6.4
77×121
7.6
77×141
8.3
90×141
9.9
90×141
10.8
36×50
1.5
36×50
1.4
36×50
1.4
36×83
1.9
36×83
2.2
36×83
2.3
36×98
2.9
36×98
2.9
36×118
3.3
51×83
3.8
51×98
4.7
51×118
5.4
64×99
6.2
64×99
6.3
64×119
7.3
77×101
8.5
77×121
9.5
77×141
10.5
90×141
12.5
36×63
1.9
36×83
2.6
36×83
2.3
36×83
2.6
36×98
3.2
36×118
3.2
36×118
3.7
51×98
4.3
51×98
4.8
51×118
5.5
64×99
6.3
64×119
7.1
77×101
7.9
77×121
9.0
36×50
2.9
36×63
3.4
36×83
3.9
36×83
4.2
36×83
4.6
36×98
4.9
36×118
5.5
51×83
6.2
51×98
6.7
51×98
7.3
51×118
8.6
64×99
8.9
64×119
10.3
64×139
12.1
77×121
14.1
77×141
16.5
77×141
11.3
77×141
18.3
90×141
19.2
90×151
20.1
90×141
13.0
90×141
14.3
90×141
13.3
100
160
200
250
315
350
400
Cap(μF)
Ripple Current (A r.m.s./120Hz, 105℃)
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW
Case Size φD×L(mm)
◆Tightening torque of bolt and Permissible current of terminal.
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com