Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSY Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSY
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSY Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSY Datasheet HTML 1Page - RUBYCON CORPORATION LSY Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(20℃,
120Hz)
350∼450
0.20
500
0.30
51
0.25
0.30
64
0.25
0.30
77
0.25
0.30
90
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSY
SERIES
LSY
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+85℃
350∼500Vdc
±20%
(20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
85℃ 5000 hours, Miniaturized, Screw Terminal Type
◆FEATURES
Load Life : 85℃ 5000 hours.
Smaller size the LSU series.
RoHS compliance.
After applying rated voltage with rated ripple current for 5000 hours at 85℃,
the capacitors shall meet the following requirements.
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
◆PART NUMBER
□□□
Rated Voltage
LSY
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60
(50)120(100) 300
500
1k
350∼450Vdc
500Vdc
0.80
0.80
1.00
1.00
1.17
1.15
1.23
1.20
1.30
1.25
1.40
1.30
10k≦
□□
Clamp Code
φD
51
64
77
90
34.0
40.0
47.0
54.0
40.0
45.0
53.0
60.0
3.5
4.5
4.5
4.5
6.0
7.0
6.0
6.0
12
12
12
14
W1
W2
W3
W4
W5
21.8
28.2
31.4
31.4
51
64
77
90
32.5
38.0
44.5
50.8
37.5
43.0
49.0
56.0
4.5
4.5
4.5
4.5
6.0
8.0
7.0
8.0
12
14
14
16
21.8
28.2
31.4
31.4
F
◆Dimensions in mm (not to scale)
(mm)
〈I type〉
I=3 CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
D×L
Case Size
Vdc
φD
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
Plate
〈Y type〉
L±3
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt


Similar Part No. - LSY

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
white SMT package
LSY-T670 OSRAM-LSY-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
white P-LCC-4 package, colorless clear resin
LSY-T676 OSRAM-LSY-T676 Datasheet
398Kb / 17P
white P-LCC-4 package, colorless clear resin
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
white P-LCC-4 package, colorless clear resin
More results

Similar Description - LSY

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com