Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C745T/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C745T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745T/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C745T/P Datasheet HTML 17Page - Microchip Technology PIC16C745T/P Datasheet HTML 18Page - Microchip Technology PIC16C745T/P Datasheet HTML 19Page - Microchip Technology PIC16C745T/P Datasheet HTML 20Page - Microchip Technology PIC16C745T/P Datasheet HTML 21Page - Microchip Technology PIC16C745T/P Datasheet HTML 22Page - Microchip Technology PIC16C745T/P Datasheet HTML 23Page - Microchip Technology PIC16C745T/P Datasheet HTML 24Page - Microchip Technology PIC16C745T/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 21
PIC16C745/765
TABLE 4-2:
USB DUAL PORT RAM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
(2)
1A0h
BD0OST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1A1h
BD0OBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1A2h
BD0OAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1A3h
—
Reserved
—
—
1A4h
BD0IST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1A5h
BD0IBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1A6h
BD0IAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1A7h
—
Reserved
—
—
1A8h
BD1OST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1A9h
BD1OBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1AAh
BD1OAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1ABh
—
Reserved
—
—
1ACh
BD1IST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1ADh
BD1IBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1AEh
BD1IAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1AFh
—
Reserved
—
—
1B0h
BD2OST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1B1h
BD2OBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1B2h
BD2OAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1B3h
—
Reserved
—
—
1B4h
BD2IST
UOWN
UOWN
DATA0/1
DATA0/1
PID3
—
PID2
—
PID1
DTS
PID0
BSTALL
—
—
—
—
xxxx xxxx
uuuu uuuu
1B5h
BD2IBC
—
—
—
—
Byte Count
xxxx xxxx
uuuu uuuu
1B6h
BD2IAL
Buffer Address Low
xxxx xxxx
uuuu uuuu
1B7h
—
Reserved
—
—
1B8h-
1DFh
40 byte USB Buffer
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as ’0’.
Shaded locations are unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com