Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2966 Datasheet HTML 9Page - Texas Instruments LP2966 Datasheet HTML 10Page - Texas Instruments LP2966 Datasheet HTML 11Page - Texas Instruments LP2966 Datasheet HTML 12Page - Texas Instruments LP2966 Datasheet HTML 13Page - Texas Instruments LP2966 Datasheet HTML 14Page - Texas Instruments LP2966 Datasheet HTML 15Page - Texas Instruments LP2966 Datasheet HTML 16Page - Texas Instruments LP2966 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LP2966
www.ti.com
SNVS028E – APRIL 2000 – REVISED APRIL 2013
Drop-Out Voltage
The drop-out voltage of a regulator is defined as the minimum input-to-output differential required to stay within
100mV of the output voltage measured with a 1V differential. The LP2966 uses an internal MOSFET with an
Rds(on) of 1
Ω. For CMOS LDOs, the drop-out voltage is the product of the load current and the Rds(on) of the
internal MOSFET.
Reverse Current Path
The internal MOSFET in the LP2966 has an inherent parasitic diode. During normal operation, the input voltage
is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is pulled above
the input in an application, then current flows from the output to the input as the parasitic diode gets forward
biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
150mA.
Maximum Output Current Capability
Each output in the LP2966 can deliver a current of more than 150mA over the full operating temperature range.
However, the maximum output current capability should be derated by the junction temperature. Under all
possible conditions, the junction temperature must be within the range specified under operating conditions. The
LP2966 is available in VSSOP-8 package. This package has a junction to ambient temperature coefficient (
θja) of
235 °C/W with minimum amount of copper area. The total power dissipation of the device is approximately given
by:
PD = (Vin - VOUT1)IOUT1 + (Vin-VOUT2)IOUT2
(1)
The maximum power dissipation, PDmax, that the device can tolerate can be calculated by using the formula:
PDmax = (Tjmax - TA)/θja
where
Tjmax is the maximum specified junction temperature (125°C)
TA is the ambient temperature
(2)
Figure 33 through Figure 37 show the variation of thermal coefficient with different layout scenarios.
Figure 33.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com