Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957ISX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2957ISX/NOPB
Description  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957ISX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2957ISX/NOPB Datasheet HTML 11Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 12Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 13Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 14Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 15Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 16Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 17Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 18Page - Texas Instruments LP2957ISX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LP2957, LP2957A
www.ti.com
SNVS102C – JUNE 1998 – REVISED APRIL 2013
DESIGN EXAMPLE #2:
A 5V regulated output is to be powered from a battery made up of six NiCad cells. The cell data is:
cell voltage (full charged): 1.4V
cell voltage (90% discharged): 1.0V
The internal impedance of a typical battery is low enough that source loading during regulator turn-on is not
usually a problem.
In a battery-powered application, the turn-off voltage VOFF should be selected so that the regulator is shut down
when the batteries are about 90% discharged (over discharge can damage rechargeable batteries).
In this case, the battery voltage will be 6.0V at the 90% discharge point (since there are six cells at 1.0V each).
That means for this application, VOFF will be set to 6.0V.
Selecting the optimum voltage for VON requires understanding battery behavior. If a Ni-Cad battery is nearly
discharged (cell voltage 1.0V) and the load is removed, the cell voltage will drift back up. The voltage where the
regulator turns on must be set high enough to keep the regulator from re-starting during this time, or an on-off
pulsing mode can occur.
If the regulator restarts when the discharged cell voltage drifts up, the load on the battery will cause the cell
voltage to fall below the turn-off level, which causes the regulator to shut down. The cell voltage will again float
up and the on-off cycling will continue.
For NiCad batteries, a good cell voltage to use to calculate VON is about 1.2V per cell. In this application, this will
yield a value for VON of 7.2V.
We can now find R1, R2 and R3 assuming:
VOFF = 6.0V V ON = 7.2V R3 = 49.9k
Solving for R1:
(10)
Solving for R2:
(11)
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2957 LP2957A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com