Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPB
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPB Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPB Datasheet HTML 1Page - RUBYCON CORPORATION MPB Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
±3%(H), ±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 60s
C≦0.33μF:25000MΩmin
C>0.33μF: 7500ΩFmin
JIS C 5101-16, JIS C 5101-1
250Vdc, 450Vdc, 630Vdc
−40∼+105℃
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPB
SERIES
MPB
◆FEATURES
(TV, display monitor, power supply, lighting lnverter, etc)
Coated with flame-retardant (UL94 V-0) epoxy resin.
RoHS compliance.
◆OUTLINE
(mm)
□□□
Rated Voltage
MPB
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
Capacitance Tolerance
Standard
TX,TH
TL,TJ,TN
Blank
H7,Y7,X7
S7,W7,Q7
A max
F
B max
φd±0.05
F
LS
F
LS
P
LS
P0
P0
P
LS=F
P0
P
LS
 TS(F=10)
◆PERMISSIBLE CURRENT FOR FREQUENCY
0
1
2
3
4
5
6
7
8
9
10
10
100
1000
450Vdc
Frequency
(kHz)
630Vdc
Frequency
(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
10
100
1000
250Vdc
Frequency
(kHz)
105
474
224
104
473
223
103
475
225
103
105
473
474
104
223
224
225
105
474
224
104
473
103
223


Similar Part No. - MPB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB HAMMOND-MPB Datasheet
185Kb / 3P
Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
logo
MicroPower Direct, LLC
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-03 MPD-MPB-05S-03 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-05 MPD-MPB-05S-05 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-09 MPD-MPB-05S-09 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
More results

Similar Description - MPB

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com