Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2992 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2992_15 Datasheet HTML 9Page - Texas Instruments LP2992_15 Datasheet HTML 10Page - Texas Instruments LP2992_15 Datasheet HTML 11Page - Texas Instruments LP2992_15 Datasheet HTML 12Page - Texas Instruments LP2992_15 Datasheet HTML 13Page - Texas Instruments LP2992_15 Datasheet HTML 14Page - Texas Instruments LP2992_15 Datasheet HTML 15Page - Texas Instruments LP2992_15 Datasheet HTML 16Page - Texas Instruments LP2992_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LP2992
www.ti.com
SNVS171H – NOVEMBER 2001 – REVISED JANUARY 2015
7 Detailed Description
7.1 Overview
The LP2992 family of fixed-output, ultralow-dropout, and low-noise regulators offer exceptional and cost-effective
performance for battery-powered applications. Available in output voltages from 1.5 V to 5 V, the family has an
output tolerance of 1% for the A version and capable of delivering 250-mA continuous load current. Using an
optimized VIP (Vertically Integrated PNP) process, the LP2992 delivers unequaled performance. The dropout
voltage and the ground pin current with 250 mA of load current are typically 450 mV and 1500 µA, respectively.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Sleep Mode
When the ON/OFF pin is pulled low, the LP2992 enters a sleep mode, and less than 1-µA quiescent current is
consumed. This function is designed for the application which needs a sleep mode to effectively enhance battery
life cycle.
7.3.2 Low Ground Current
The LP2992 uses a vertical PNP process which allows for quiescent currents which are considerably lower than
those associated with traditional lateral PNP regulators, typically 1500 µA at 250-mA load and 75 µA at 1-mA
load.
7.3.3 Low Noise
The LP2992 includes a low-noise reference ensuring minimal noise during operation because the internal
reference is normally the dominant term in a noise analysis. Further noise reduction can be achieved by adding
an external bypass capacitor between the BYPASS pin and the GND pin. For more detailed information on noise
reduction using the BYPASS pin, see Noise Bypass Capacitor.
7.3.4 Enhanced Stability
The LP2992 is designed specifically to work with ceramic output capacitors using circuitry that allows the
regulator to be stable across the entire range of output current with an output capacitor whose ESR is as low as
5 m
Ω. For output capacitor requirements, see Output Capacitor.
7.3.5 Overcurrent Protection
The internal current-limit circuit is used to protect the LDO against high-current faults or shorting events. The
LDO is not designed to operate in a steady-state current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when the output impedance decreases. Note also that if a
current limit occurs and the resulting output voltage is low, excessive power may be dissipated across the LDO,
resulting in a thermal shutdown of the output.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com