Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F010T-I/P Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18F010T-I/P
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010T-I/P Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18F010T-I/P Datasheet HTML 65Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 66Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 67Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 68Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 69Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 70Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 71Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 72Page - Microchip Technology PIC18F010T-I/P Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 67
PIC18F010/020
9.0
I/O PORT
Depending on the device options enabled, there are as
many as six general purpose I/O pins available. Some of
the pins are multiplexed with alternative functions from
the peripheral features on the device. Thus, when a
peripheral is enabled, the associated pin may not be
used as a general purpose I/O pin. On a Power-on Reset,
all pins configured as general I/O are set as inputs.
9.1
PORTB, TRISB, and LATB Registers
PORTB is a 6-bit wide, bi-directional port. The corre-
sponding data direction register is TRISB. Setting a
TRISB bit (= 1) will make the corresponding PORTB pin
an input (i.e., put the corresponding output driver in a Hi-
Impedance mode). Clearing a TRISB bit (= 0) will make
the corresponding PORTB pin an output (i.e., put the
contents of the output latch on the selected pin). On a
Power-on Reset, these pins are configured as inputs.
Example 9-1 demonstrates PORTB configuration.
EXAMPLE 9-1:
INITIALIZING PORTB
Read-modify-write operations on the LATB register,
read and write the latched output value for PORTB.
Figure 9-1 shows a simplified block diagram of the
PORTB/LATB/TRISB operation.
FIGURE 9-1:
SIMPLIFIED BLOCK
DIAGRAM OF PORT/LAT/
TRIS OPERATION
9.2
Additional Functions
Each pin is multiplexed with other functions. Refer to
Table 9-1 for information about individual pin functions.
9.2.1
WEAK PULL-UP
Each of the PORTB pins has an individually config-
urable weak internal pull-up. Control bits WPUBx
enable or disable each pull-up (see Register 9-1). Each
weak pull-up is automatically turned off when the port
pin is configured as an output. The pull-ups are dis-
abled on a Power-on Reset.
9.2.2
INTERRUPT-ON-CHANGE
Each of the PORTB pins is individually configurable as
an interrupt-on-change pin. Control bits IOCBx enable
or disable the interrupt function for each pin (see
Register 9-2). The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTB. The "mismatch" outputs of the last read are
OR’d together to set, or clear the RB Port Change Inter-
rupt flag bit RBIF, in the INTCON register.
This interrupt can wake the device from SLEEP. The
user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a)
Any read or write of PORTB (except with MOVFF
instruction). This will end the mismatch condition.
b)
Clear the flag bit RBIF.
9.2.3
RB2/T0CLK/INT0
The RB2 pin is configurable to function as a general
I/O, the clock input for TIMER0, or as an external edge
triggered interrupt. Figure 9-2 shows the block diagram
of this I/O pin. Refer to Section 8.0 for details about
interrupts and Section 10.0 for details about TIMER0.
9.2.4
RB3/MCLR/VPP
The RB3 pin is configurable to function as general I/O
or as the RESET pin, MCLR. This pin is open drain
when configured as an output. Refer to Figure 9-3 for a
block diagram of the I/O pin.
9.2.5
RB4/OSC2/CLKOUT
The RB4 pin is configurable to function as a general
I/O pin, oscillator connection, or as a clock output.
Figure 9-4 shows the block diagram of this I/O pin.
Refer to Section 2.0 for clock/oscillator information.
9.2.6
RB5/OSC1/CLKIN
The RB5 pin is configurable to function as a general
I/O pin, oscillator connection, or a clock input pin.
Figure 9-5 shows a block diagram of this I/O pin. Refer
to Section 2.0 for clock /oscillator information.
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
CLRF
LATB
; Alternate method
; to clear output
; data latches
MOVLW
0x03
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB1:RB0 as inputs
; RB5:RB2 as outputs
Q
D
CK
WR LAT +
Data Latch
I/O pin
RD Port
WR Port
TRIS
RD LAT
Data Bus
Note:
The voltage on RB3 open drain output
must not exceed VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com