Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3873ES-2.5/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3873ES-2.5/NOPB
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873ES-2.5/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP3873ES-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3873ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP3873, LP3876
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
*SD pins must be pulled high through a 10k
Ω pull-up resistor. See Application Hints for more information.
Connection Diagrams
Figure 1. Top View
Figure 2. Top View
5-Pin TO-220
5-Pin DDPAK/TO-263
See NDH0005D Package
See KTT0005B Package
PIN DESCRIPTIONS FOR TO-220 AND DDPAK/TO-263 PACKAGES
LP3873
LP3876
Pin #
Name
Function
Name
Function
1
SD
Shutdown
SD
Shutdown
2
VIN
Input Supply
VIN
Input Supply
3
GND
Ground
GND
Ground
4
VOUT
Output Voltage
VOUT
Output Voltage
5
ERROR
ERROR Flag
SENSE
Remote Sense Pin
Block Diagram LP3873
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com