Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3873ES-3.3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3873ES-3.3
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3873ES-3.3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3873ES-3.3 Datasheet HTML 3Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 4Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 5Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 6Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 7Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 8Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 9Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 10Page - Texas Instruments LP3873ES-3.3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
FREQUENCY (Hz)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
100
1k
10k
100k
IL = 100mA
CIN = COUT = 10PF
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
VIN (V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
125
oC
25
oC
-40
oC
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10µF, CIN = 10µF, S/D pin is tied to VIN, VOUT = 2.5V, VIN = VO(NOM) + 1V, IL =
10mA
DC Line Regulation
VIN
vs
vs
Temperature
VOUT Over Temperature
Figure 9.
Figure 10.
Noise
vs
Load Transient Response
Frequency
CIN = COUT = 10µF, OSCON
Figure 11.
Figure 12.
Load Transient Response
Load Transient Response
CIN = COUT = 100µF, OSCON
CIN = COUT = 100µF, POSCAP
Figure 13.
Figure 14.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com