Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20/P Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F628-20/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20/P Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F628-20/P Datasheet HTML 76Page - Microchip Technology PIC16F628-20/P Datasheet HTML 77Page - Microchip Technology PIC16F628-20/P Datasheet HTML 78Page - Microchip Technology PIC16F628-20/P Datasheet HTML 79Page - Microchip Technology PIC16F628-20/P Datasheet HTML 80Page - Microchip Technology PIC16F628-20/P Datasheet HTML 81Page - Microchip Technology PIC16F628-20/P Datasheet HTML 82Page - Microchip Technology PIC16F628-20/P Datasheet HTML 83Page - Microchip Technology PIC16F628-20/P Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
PIC16F62X
DS40300B-page 80
Preliminary
© 1999 Microchip Technology Inc.
12.2.2
USART ASYNCHRONOUS RECEIVER
The receiver block diagram is shown in Figure 12-8.
The data is received on the RB1/RX/DT pin and drives
the data recovery block. The data recovery block is
actually a high speed shifter operating at x16 times the
baud rate, whereas the main receive serial shifter oper-
ates at the bit rate or at FOSC.
Once Asynchronous mode is selected, reception is
enabled by setting bit CREN (RCSTA<4>).
The heart of the receiver is the receive (serial) shift reg-
ister (RSR). After sampling the STOP bit, the received
data in the RSR is transferred to the RCREG register (if
it is empty). If the transfer is complete, flag bit RCIF
(PIR1<5>) is set. The actual interrupt can be enabled/
disabled by setting/clearing enable bit RCIE (PIE1<5>).
Flag bit RCIF is a read only bit which is cleared by the
hardware. It is cleared when the RCREG register has
been read and is empty. The RCREG is a double buff-
ered register, i.e. it is a two deep FIFO. It is possible for
two bytes of data to be received and transferred to the
RCREG FIFO and a third byte begin shifting to the RSR
register. On the detection of the STOP bit of the third
byte, if the RCREG register is still full then overrun error
bit OERR (RCSTA<1>) will be set. The word in the RSR
will be lost. The RCREG register can be read twice to
retrieve the two bytes in the FIFO. Overrun bit OERR
has to be cleared in software. This is done by resetting
the receive logic (CREN is cleared and then set). If bit
OERR is set, transfers from the RSR register to the
RCREG register are inhibited, so it is essential to clear
error bit OERR if it is set. Framing error bit FERR
(RCSTA<2>) is set if a stop bit is detected as clear. Bit
FERR and the 9th receive bit are buffered the same
way as the receive data. Reading the RCREG, will load
bits RX9D and FERR with new values, therefore it is
essential for the user to read the RCSTA register before
reading RCREG register in order not to lose the old
FERR and RX9D information.
FIGURE 12-8: USART RECEIVE BLOCK DIAGRAM
x64 Baud Rate CLK
SPBRG
Baud Rate Generator
RB1/RX/DT
Pin Buffer
and Control
SPEN
Data
Recovery
CREN
OERR
FERR
RSR register
MSb
LSb
RX9D
RCREG register
FIFO
Interrupt
RCIF
RCIE
Data Bus
8
÷ 64
÷ 16
or
Stop
Start
(8)
7
1
0
RX9
• • •
RX9
ADEN
RX9
ADEN
RSR<8>
Enable
Load of
Receive
Buffer
8
8
RCREG register
RX9D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com