Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3962 Datasheet HTML 6Page - Texas Instruments LP3962 Datasheet HTML 7Page - Texas Instruments LP3962 Datasheet HTML 8Page - Texas Instruments LP3962 Datasheet HTML 9Page - Texas Instruments LP3962 Datasheet HTML 10Page - Texas Instruments LP3962 Datasheet HTML 11Page - Texas Instruments LP3962 Datasheet HTML 12Page - Texas Instruments LP3962 Datasheet HTML 13Page - Texas Instruments LP3962 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LP3962, LP3965
SNVS066H – MAY 2000 – REVISED APRIL 2013
www.ti.com
APPLICATIONS INFORMATION
EXTERNAL CAPACITORS
Like any low-dropout regulator, external capacitors are required to assure stability. these capacitors must be
correctly selected for proper performance.
INPUT CAPACITOR: The LP3962/5 requires a low source impedance to maintain regulator stability because the
internal bias circuitry is connected directly to VIN. The input capacitor must be located less than 1 cm from the
LP3962/5 device and connected directly to the input and ground pins using traces which have no other currents
flowing through them (see PCB LAYOUT).
The minimum allowable input capacitance for a given application depends on the type of the capacitor and ESR
(equivalent series resistance). A lower ESR capacitor allows the use of less capacitance, while higher ESR types
(like aluminum electrolytics) require more capacitance.
The lowest value of input capacitance that can be used for stable full-load operation is 68 µF (assuming it is a
ceramic or low-ESR Tantalum with ESR less than 100 m
Ω).
To determine the minimum input capacitance amount and ESR value, an approximation which should be used is:
CIN ESR (mΩ) / CIN (µF) ≤ 1.5
This shows that input capacitors with higher ESR values can be used if sufficient total capacitance is provided.
Capacitor types (aluminum, ceramic, and tantalum) can be mixed in parallel, but the total equivalent input
capacitance/ESR must be defined as above to assure stable operation.
IMPORTANT: The input capacitor must maintain its ESR and capacitance in the "stable range" over the entire
temperature range of the application to assure stability (see CAPACITOR CHARACTERISTICS).
OUTPUT CAPACITOR: An output capacitor is also required for loop stability. It must be located less than 1 cm
from the LP3962/5 device and connected directly to the output and ground pins using traces which have no other
currents flowing through them (see PCB LAYOUT).
The minimum value of the output capacitance that can be used for stable full-load operation is 33 µF, but it may
be increased without limit. The output capacitor's ESR is critical because it forms a zero to provide phase lead
which is required for loop stability. The ESR must fall within the specified range:
0.2
Ω ≤ COUT ESR ≤ 5Ω
The lower limit of 200 m
Ω means that ceramic capacitors are not suitable for use as LP3962/5 output capacitors
(but can be used on the input). Some ceramic capacitance can be used on the output if the total equivalent ESR
is in the stable range: when using a 100 µF Tantalum as the output capacitor, approximately 3 µF of ceramic
capacitance can be applied before stability becomes marginal.
IMPORTANT: The output capacitor must meet the requirements for minimum amount of capacitance and also
have an appropriate ESR value over the full temperature range of the application to assure stability (see
CAPACITOR CHARACTERISTICS).
SELECTING A CAPACITOR
It is important to note that capacitance tolerance and variation with temperature must be taken into consideration
when selecting a capacitor so that the minimum required amount of capacitance is provided over the full
operating temperature range. In general, a good Tantalum capacitor will show very little capacitance variation
with temperature, but a ceramic may not be as good (depending on dielectric type). Aluminum electrolytics also
typically have large temperature variation of capacitance value.
Equally important to consider is a capacitor's ESR change with temperature: this is not an issue with ceramics,
as their ESR is extremely low. However, it is very important in Tantalum and aluminum electrolytic capacitors.
Both show increasing ESR at colder temperatures, but the increase in aluminum electrolytic capacitors is so
severe they may not be feasible for some applications (see CAPACITOR CHARACTERISTICS).
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com