Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8885TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8885TS
Description  NXP capacitive proximity switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8885TS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8885TS Datasheet HTML 1Page - NXP Semiconductors PCF8885TS Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
© 2014 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: April 2014
Document order number: 9397 750 17551
Printed in the Netherlands
The eight input channels operate independently of each
other. There is also a built-in option for a matrix arrangement.
With this arrangement, an interrupt is only generated when
two channels are activated simultaneously. The configuration
suppresses additional channel outputs when two channels are
already active.
Both capacitive sensor circuits make it straightforward
to implement a touch display and to add significant
improvements to the user interface. A passive display can be
integrated with touch capabilities in three ways:
(1) add-on integration, where touch pads reside on an extra
touch foil or glass, (2) on-cell integration, where touch pads are
deposited in a separate layer between the front glass and the
top polarizer, and (3) in-cell integration, where touch pads are
placed on the same layer as the display segments, surrounding
the segment electrodes.
VDD
RF
RC
CF
opt. RC
opt. RC
opt. RC
opt. RC
RPU
IN[0]
IN[1]
IN[2]
IN[3]
IN[7]
VDD
VDD(INTREGD)
100 nF
100 nF
TEST
VSS
100 nF
CCPC[0]
CPC[0]
CPC[7]
SCL
SDA
CLK_IN
INT_IN
CLK_OUT
INT
A0
SLEEP
PCF8885
RPU
VDD
100 nF
CCPC[7]
to MCU
to MCU
013aaa554
(1)
PCF8885TS application with 16 touch keys
Demo board OM11058 for climate-control application with
touch foil on TFT display
Demo boards OM11057 and OM11057A for multiplexed
and direct-touch applications
Evaluation board OM11056 with two PCF8885TS switches
enabling 64 touch sensors
Touch control on a passive LCD, with touch sensors
integrated into LCD cells
Type number
Channels
Touch /proximity pads
Package(s)
Grade
Evaluation and demo board(s)
PCF8885TS
8
28 with one circuit
64 with two cascaded circuits
TSSOP28
Industrial
Evaluation boards OM11056/7/7A
Touch-on-display demo board OM11058
PCA8885TS
8
28 with one circuit
64 with two cascaded circuits
TSSOP28
Automotive AEC-Q100
Evaluation boards OM11057/57A
Touch-on-display demo board OM11058
PCA8886TS
2
2 touch or poximity pads
TSSOP16
Automotive AEC-Q100
Evaluation and demo board OM11052
PCF8883T, PCF8883CX8
1
1 touch or poximity pad
SO8, WLCSP
Industrial
Evaluation and demo board OM11055
Selection guide



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com