Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8576E
Description  Segmented 4 x 40 display with in-cell touch technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576E Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8576E Datasheet HTML 1Page - NXP Semiconductors PCF8576E Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
© 2013 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: September 2013
Document order number: 9397 750 17476
Printed in the Netherlands
Unlike on-cell technology, which adds an ITO touch layer on top
of the display glass, in-cell technology integrates touch-sensing
circuitry into the LCD array. The result is a simpler structure (two
ITO layers instead of three), a slimmer touch-sensitive screen, and
therefore a low-cost solution.
PCF8576E KEY FEATURES
` 40 segments and four backplane outputs
- Graphics with up to 160 display elements
- Up to 20 seven-segment numeric characters
- Up to 10 fourteen-segment alphanumeric characters
` Multiplex rates selectable for static, 1:2, 1:3, and 1:4
` LCD bias configuration selectable for static, 1/2 and 1/3
` Independent supplies for LCD and logic voltages
` Wide power supply range: 1.8 to 5.5 V
` Wide LCD supply range: 2.5 to 6.5 V
` Selectable internal or external oscillator
` Frame frequency: 77 Hz (typ.)
` Blinking function
` Cascadable with up to 16 ICs to drive displays up to
16 x 160 elements
` I2C-bus interface up to 400 kHz
` Operating temperature range: -40 to 85 °C
` Enhanced ESD/EMC performance
` Bare die with bumps for cost-saving COG applications
` AEC-Q100 compliant for automotive applications
(PCA8576D and PCA8576F versions only)
PCF8885TS KEY FEATURES
` 8-channel touch and proximity sensor with auto-calibration
` Adjustable sensitivity and response time
` Three sensing modes: one-key, two-keys, N-keys
- Up to eight sensors in one-key mode
- Up to 28 sensors in two-keys mode
` Two event handling modes: push-button and toggle
` I2C Fast-mode plus interface, up to 1 MHz
` One sub-address for cascading two ICs (up to 64 sensors)
` Power supply range: 2.5 to 5.5 V
` Low power consumption
- 10 μA in operating mode
- 100 nA in sleep mode (activated via I2C or external input)
` Operating temperature range: -40 to +85 °C
` TSSOP28 package: 9.7 x 4.4 x 0.9 mm
` AEC-Q100 compliant for automotive applications (PCA8885TS
version only)
Benefits of in-touch technology
` Simpler structure
` Lower build height
` Easier assembly
` Lower cost
Type
Package and description
Delivery format
IC version
PCF8576EUG/2DA/1
Bare die; 59 bumps; 2.2 x 2.0 x 0.4 mm
Chip in tray
1
PCF8885TS/1
TSSOP28: plastic small outline package; 28 leads;
body size: 9.7 x 4.4 x 0.9 mm
Tape and reel, 13 inch
1
ORDERING INFORMATION
IN-CELL TECHNOLOGY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com