Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC105503ECT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC105503ECT
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105503ECT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC105503ECT Datasheet HTML 4Page - Microchip Technology TC105503ECT Datasheet HTML 5Page - Microchip Technology TC105503ECT Datasheet HTML 6Page - Microchip Technology TC105503ECT Datasheet HTML 7Page - Microchip Technology TC105503ECT Datasheet HTML 8Page - Microchip Technology TC105503ECT Datasheet HTML 9Page - Microchip Technology TC105503ECT Datasheet HTML 10Page - Microchip Technology TC105503ECT Datasheet HTML 11Page - Microchip Technology TC105503ECT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC105
DS21349B-page 8
© 2002 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Symbol (300kHz)
Voltage
1
1.
2
2.
3
3.
4
4.
5
5.
6
6.
1
represents product classification; TC105 = M
2
represents first integer of voltage
Symbol (300kHz)
Voltage
A.0
B.1
C.2
D.3
E.4
F.5
H.6
K.7
L.8
M.9
3
represents first decimal of voltage
4
represents production lot ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com