Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962ES-3.3/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962ES-3.3/NOPB
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962ES-3.3/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3962ES-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LP3962, LP3965
www.ti.com
SNVS066H – MAY 2000 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified, VIN =VO(NOM) + 1V, VOUT= 2.5V, COUT = 33µF, IOUT = 10mA, CIN = 68µF, VSD = VIN, and TA = 25°C.
Drop-Out Voltage
Drop-Out Voltage
vs
vs
Temperature for Different Load Currents
Temperature for Different Output Voltages (IOUT = 800mA
Figure 4.
Figure 5.
Ground Pin Current
Ground Pin Current
vs
vs
Input Voltage (VSD=VIN)
Input Voltage (VSD=100mV)
Figure 6.
Figure 7.
Ground Current
Ground Current
vs
vs
Temperature (VSD=VIN)
Temperature (VSD=0V
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com