Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3401G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3401G-AE3-R
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3401G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3401G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT3401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-109.F
TYPICAL CHARACTERISTICS
0.00
100
40
Drain Current , ID (A)
On-Resistance vs.
Drain Current and Gate Voltage
10.00
4.00
2.00
6.00
8.00
20
60
80
120
0
1.6
1
Temperature (°C)
On-Resistance vs.
Junction Temperature
175
75
25
100
150
0.8
1.2
1.4
1.8
VGS = -2.5V
VGS = -4.5V
VGS = 10V
VGS=-2.5V
ID=-1A
125
50
ID=-3.5A, VGS=-10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com