Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2352G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT2352G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2352G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT2352G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2352G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2352G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2352G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT2352G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT2352
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-157.E
TYPICAL CHARACTERISTICS (Cont.)
ID=-0.9A
VGS=-10V
1.4
1.2
1
0.8
0.6
-25
-50
0
25
50
75 100 125 150
Junction Temperature,TJ (℃)
On-Resistance Variation with Temperature
VDS=-10V
-15V
-20V
ID=-0.9A
10
8
6
4
2
0
0
0.5
1
1.5
2
2.5
3
Gate Charge,QG (nC)
Gate Charge Characteristics
Single Pulse
RθJA=270 /W
TA=25
50
40
30
20
10
0
0.0001 0.001 0.01 0.1
1
10
100 1000
Time,t (sec)
Single Pulse Maximum Power Dissipation
100μs
1ms
10ms
100ms
DC
10s
1s
RDS(ON) Limit
VGS=-10V
Single Pulse
RθJA=270 /W
TA=25
0.1
1
10
100
Drain-Source Voltage,-VDS (V)
0.01
0.1
1
10
100
Maximum Safe Operating Area



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com