Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2352G-K08-3030-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2352G-K08-3030-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2352G-K08-3030-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2352G-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT2352G-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT2352G-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT2352G-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT2352G-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT2352
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-157.E
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current
ID
-1.3
A
Pulsed Drain Current
IDM
-10
A
SOT-23
0.46
W
Power Dissipation (Note 3)
DFN-8(3×3)
PD
2.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATING
UNIT
SOT-23
250
°C/W
Junction-to-Ambient (Note 3)
DFN-8(3×3)
θJA
52
°C/W
SOT-23
75
°C/W
Junction-to-Case
DFN-8(3×3)
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VGS=±25V, VDS=0V
±100
nA
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25℃, ID=-250uA
-17
mV/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-0.8
-2.0
-2.5
V
VGS=-10V, ID=-1.3A
150
180
mΩ
Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=-4.5V, ID=-1.1A
250
300
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
150
pF
Output Capacitance
COSS
40
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-15V, f=1MHz
20
pF
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
1.4
1.9
nC
Gate-Source Charge
QGS
0.5
nC
Gate-Drain Charge
QGD
VDS=-10V, VGS=-4.5V,
ID=-0.9A
0.5
nC
Turn-ON Delay Time (Note 2)
tD(ON)
4
8
ns
Turn-ON Rise Time
tR
15
28
ns
Turn-OFF Delay Time
tD(OFF)
10
18
ns
Turn-OFF Fall Time
tF
VDD=-10V, VGS=-10V, ID=-1A,
RG=6Ω
1
2
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward
Voltage(Note2)
VSD
VGS=0V, IS=-0.42 A
-0.8
-1.2
V
Maximum Continuous Drain Source Diode
Forward Current
IS
-0.42
A
Reverse Recovery Time
tRR
17
ns
Reverse Recovery Charge
QRR
IF = -3.9 A, dIF/dt = 100 A/μs
7
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface mounted on 0.001 in
2 pad of 2oz. copper; 270℃/W when mounted on min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com