Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC110303ECT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC110303ECT
Description  PFM/PWM Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC110303ECT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC110303ECT Datasheet HTML 4Page - Microchip Technology TC110303ECT Datasheet HTML 5Page - Microchip Technology TC110303ECT Datasheet HTML 6Page - Microchip Technology TC110303ECT Datasheet HTML 7Page - Microchip Technology TC110303ECT Datasheet HTML 8Page - Microchip Technology TC110303ECT Datasheet HTML 9Page - Microchip Technology TC110303ECT Datasheet HTML 10Page - Microchip Technology TC110303ECT Datasheet HTML 11Page - Microchip Technology TC110303ECT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC110
DS21355B-page 8
© 2002 Microchip Technology Inc.
4.0
APPLICATIONS
4.1
Circuit Examples
Figure 4-1 shows a TC110 operating as a 100kHz
bootstrapped regulator with soft start. This circuit uses
an NPN switching transistor (Zetex FZT690B) that has
an hFE of 400 and VCESAT of 100 mV at IC = 1A. Other
high beta transistors can be used, but the values of RB
and CB may need adjustment if hFE is significantly
different from that of the FZT690B.
Figure 4-2 and Figure 4-3 both utilize an N-channel
switching transistor (Silconix Si9410DY). This transistor
is a member of the LittlefootTM family of small outline
MOSFETs. The circuit of Figure 4-2 operates in
bootstrapped mode, while the circuit of Figure 4-3
operates in non-bootstrapped mode.
TABLE 4-1:
SUGGESTED COMPONENTS AND SUPPLIERS
Type
Inductors
Capacitors
Diodes
Transistors
Surface Mount
Sumida
CD54 Series (300kHz)
CD75 (100kHz)
Coiltronics
CTX Series
Matsuo
267 Series
Sprague
595D Series
Nichicon
F93 Series
Nihon
EC10 Series
Matsushita
MA735 Series
N-channel
Silconix
Si9410DY
ON Semiconductor
MTP3055EL
MTD20N03
Through-Hole
Sumida
RCH855 Series
RCH110 Series
Renco
RL1284-12
Sanyo
OS-CON Series
Nichicon
PL Series
ON Semiconductor
1N5817 - 1N5822
NPN
Zetex
ZTX694B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com