Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115331ECT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC115331ECT
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115331ECT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC115331ECT Datasheet HTML 4Page - Microchip Technology TC115331ECT Datasheet HTML 5Page - Microchip Technology TC115331ECT Datasheet HTML 6Page - Microchip Technology TC115331ECT Datasheet HTML 7Page - Microchip Technology TC115331ECT Datasheet HTML 8Page - Microchip Technology TC115331ECT Datasheet HTML 9Page - Microchip Technology TC115331ECT Datasheet HTML 10Page - Microchip Technology TC115331ECT Datasheet HTML 11Page - Microchip Technology TC115331ECT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC115
DS21361C-page 8
 2003 Microchip Technology Inc.
FIGURE 5-2:
Typical Ripple Waveforms.
TC115301
VIN = 2.5V
ILOAD = 80 mA
CH1: VOUT (DC)
CH2: VOUT (AC Ripple)
L = 100
µH
C = 47
µF
D1 = MA735
TC115301
VIN = 2.0V
ILOAD = 40 mA
CH1: VOUT (DC)
CH2: VOUT (AC Ripple)
L = 100
µH
C = 47
µF
D1 = MA735
TC115301
VIN = 1.0V
ILOAD = 10 mA
CH1: VOUT (DC)
CH2: VOUT (AC Ripple)
L = 100
µH
C = 47
µF
D1 = MA735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com