Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_334 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 050_334
Description  PCB Mount Dual Transceiver Evaluation Board Manual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_334 Datasheet(HTML) 1 Page - Glenair, Inc.

  050_334 Datasheet HTML 1Page - Glenair, Inc. 050_334 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912
www.glenair.com
PAGE 1 of 2
E-mail: sales@glenair.com
050-334 Rev 14.0
050-334-EVALBOARD
PCB Mount Dual Transceiver Evaluation Board Manual
Description
The 050-334-EVALBOARD can be used to evaluate 050-333 Board Mount Dual Optical Transceiver
Operating from 100Mbps to 5Gbps data rate. The transceivers can be used for bidirectional fiber optic
link over 4 multimode 50 µm/125 µm or 62.5 µm/125 µm type fiber optic cables.
For purposes of this document, 050-333, will henceforth be referred to as Unit under Test (UUT).
The evaluation board is designed as an interface to allow evaluation of the Optical Transmitters and the
Optical receivers on the board mount dual transceiver module. Devices are powered through the 3.3V
and GND connections.
For each of the transmitters, Fault condition (TXn-Fault) can be monitored via test points and the
Transmitter disable (TXn-Disable) can be controlled via Jumpers.
For each of the receivers, loss of signal (LOSn) state can be monitored via test points.
How to Order
The 050-334 evaluation board is a general test board that can be used to test Glenair Dual-PCB Mount
transceivers. The test board has been designed to support data rates up 12.5Gbps.


Similar Part No. - 050_334

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-334 GLENAIR-050-334 Datasheet
198Kb / 2P
PCB Mount Dual Transceiver Evaluation Board Manual
logo
Wera Tools
05003340001 WERA-05003340001 Datasheet
652Kb / 2P
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
02.08.2018
05003342001 WERA-05003342001 Datasheet
652Kb / 2P
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
02.08.2018
05003345001 WERA-05003345001 Datasheet
652Kb / 2P
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
02.08.2018
More results

Similar Description - 050_334

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
logo
Glenair, Inc.
050_329 GLENAIR-050_329 Datasheet
195Kb / 2P
Glenair PCB Mount Transceiver Evaluation Board
050_338 GLENAIR-050_338 Datasheet
221Kb / 2P
PCB Mount Evaluation Board Manual
050-329 GLENAIR-050-329 Datasheet
195Kb / 2P
Glenair PCB Mount Transceiver Evaluation Board
050-334 GLENAIR-050-334 Datasheet
198Kb / 2P
PCB Mount Dual Transceiver Evaluation Board Manual
050-338 GLENAIR-050-338 Datasheet
221Kb / 2P
PCB Mount Evaluation Board Manual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com