Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C61-04/TQ Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 45Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 46Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 47Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 48Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 49Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 50Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 51Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 52Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 49
PIC16C6X
Example 4-1 shows the calling of a subroutine in
page 1 of the program memory. This example assumes
that the PCLATH is saved and restored by the interrupt
service routine (if interrupts are used).
EXAMPLE 4-1:
CALL OF A SUBROUTINE IN
PAGE 1 FROM PAGE 0
ORG 0x500
BSF
PCLATH,3
;Select page 1 (800h-FFFh)
BCF
PCLATH,4
;Only on >4K devices
CALL
SUB1_P1
;Call subroutine in
:
;page 1 (800h-FFFh)
:
:
ORG 0x900
SUB1_P1:
;called subroutine
:
;page 1 (800h-FFFh)
:
RETURN
;return to Call subroutine
;in page 0 (000h-7FFh)
4.5
Indirect Addressing, INDF and FSR
Registers
The INDF register is not a physical register. Address-
ing the INDF register will cause indirect addressing.
Indirect addressing is possible by using the INDF reg-
ister. Any instruction using the INDF register actually
accesses the register pointed to by the File Select Reg-
ister, FSR. Reading the INDF register itself indirectly
(FSR = '0') will produce 00h. Writing to the INDF regis-
ter indirectly results in a no-operation (although status
bits may be affected). An effective 9-bit address is
obtained by concatenating the 8-bit FSR register and
the IRP bit (STATUS<7>), as shown in Figure 4-25.
A simple program to clear RAM location 20h-2Fh using
indirect addressing is shown in Example 4-2.
EXAMPLE 4-2:
INDIRECT ADDRESSING
movlw
0x20
;initialize pointer
movwf
FSR
;
to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR,F
;inc pointer
btfss
FSR,4
;all done?
goto
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 4-25: DIRECT/INDIRECT ADDRESSING
For memory map detail see Figure 4-5, Figure 4-6, Figure 4-7, and Figure 4-8.
bank select
bank select
location select
location select
Direct Addressing
Indirect Addressing
RP1: RP0
6
0
from opcode
IRP
7
FSR
0
00
01
10
11
Bank 0
Bank 1
Bank 2
Bank 3
FFh
80h
Data
Memory
7Fh
00h
17Fh
100h
1FFh
180h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com