Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM23BP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM23BP
Description  ISM TRANSCEIVER MODULE
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM23BP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM23BP Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM23BP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
RFM23BP
Table 4. Transmitter AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TX Frequency
Range—RFM23BP
FTX
433MHz band
868MHz band
915MHz band
413
848
895
453
888
935
MHz
MHz
MHz
FSK Data Rate
DRFSK
0.123
—
256
kbps
OOK Data Rate
DROOK
0.123
—
40
kbps
Δf1
868/915MHz
±0.625
±320
kHz
Modulation Deviation
Δf2
433MHz
±0.625
±160
kHz
Modulation Deviation
Resolution
ΔfRES
—
0.625
—
kHz
Output Power
Range—RFM23BP
PTX
—
+30
—
dBm
TX RF Output Steps
ΔPRF_OUT
controlled by txpow[2:0]
—
3
—
dB
TX RF Output Level
Variation vs. Temperature
ΔPRF_TEMP
–40 to +85
°C
—
2
—
dB
TX RF Output Level
Variation vs. Frequency
ΔPRF_FREQ
Measured across any one
frequency band
—
1
—
dB
Transmit Modulation
Filtering
B*T
Gaussian Filtering Bandwith Time
Product
—
0.5
—
POB-TX1
POUT = +30 dBm,
Frequencies <1 GHz
—
—
–30
dBc
Spurious Emissions
POB-TX2
1–12.75 GHz, excluding harmonics
—
—
–36
dBc
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com