Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1189-QECT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1189-QECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1189-QECT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1189-QECT Datasheet HTML 4Page - Microchip Technology TC1189-QECT Datasheet HTML 5Page - Microchip Technology TC1189-QECT Datasheet HTML 6Page - Microchip Technology TC1189-QECT Datasheet HTML 7Page - Microchip Technology TC1189-QECT Datasheet HTML 8Page - Microchip Technology TC1189-QECT Datasheet HTML 9Page - Microchip Technology TC1189-QECT Datasheet HTML 10Page - Microchip Technology TC1189-QECT Datasheet HTML 11Page - Microchip Technology TC1189-QECT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC1188/TC1189
DS21364B-page 8
 2002 Microchip Technology Inc.
EXAMPLE 3-1:
The previously defined power dissipation equations
can be used to ensure that the regulator thermal
operation is within limits.
Given:
VIN(MAX) = 3.0V +10%
VOUT(MAX) = 2.7V - 2.5%
ILOAD(MAX) = 40 MA
TJ(MAX) = 125°C
TA(MAX) = 55°C
Find:
1.
Actual power dissipation.
2.
Maximum allowable dissipation.
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC1188/TC1189 dissipates a max-
imum of 26.7 mW below the allowable limit of 318 mW.
In a similar manner, the power dissipation equation, as
a function of VIN, VOUT and ILOAD, along with the power
dissipation equation, as a function of maximum junction
temperature, maximum ambient temperature and junc-
tion to air thermal resistance, can be used to calculate
maximum current and/or maximum input voltage limits.
4.0
APPLICATIONS INFORMATION
4.1
Input Capacitor
A 1 µF (or larger) capacitor is recommended to bypass
the LDO input and lower input impedance for circuit
stability when operating from batteries or high imped-
ance sources. The input capacitor can be ceramic, tan-
talum or aluminum electrolytic. For applications that
require low noise and input power supply rejection, low
effective series resistance (ESR) ceramic capacitors
are recommended over higher ESR electrolytic capac-
itors. Larger value input capacitors can be used to
improve circuit performance.
4.2
Output Capacitor
A 1 µF (minimum) capacitor is required from V
OUT to
ground to ensure circuit stability. The output capacitor
should have an ESR greater than 0.1 ohms and less
than 2 ohm. Tantalum or aluminum electrolytic capaci-
tors are recommended. Since many aluminum electro-
lytic capacitors freeze at approximately -30°C, solid
tantalums are recommended for applications operating
below 25°C.
PD = VIN(MAX) - VOUT(MIN) x ILOAD(MAX)
PD = ((3.0 * 1.1) - (2.7 * 0.975)) * 40 mA
PD = 26.7 mWatts
PD = (TJ(MAX) - TA(MAX))/θJA
PD(MAX) = (125 - 55) / 220
PD(MAX) = 318 mWatts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com