Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKA Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MPKA
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPKA Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MPKA_15 Datasheet HTML 1Page - RUBYCON CORPORATION MPKA_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z
Z
~
~
◆STANDARD SIZE
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
Cap(μF)
Rated
Voltage
A
B
C
F±1.0
LS±0.5
d
Bag
Carton
TC
TX, TH TL, TJ
TN
Long Lead type
Taping Ammo Pack Type - Style
TS
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPKA
125
Vac
275
Vac
Rated Voltage
Table 1
Fig.2
Fig.1
Pulse Voltage
125Vac
250Vo-p
275Vac
630Vo-p
□:Capacitance Tolerance  **:Lead Forming
1. Operating circuit (Fig.1, Fig.2)
2. When operating capacitor for noise suppression, voltage of pulse applied to the capacitor
shall be within value specified in Table 1.
Note)
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.0
25.0
6.0
7.0
7.0
7.5
8.5
8.0
5.5
5.5
6.0
7.0
6.5
6.5
6.5
6.5
7.0
6.0
6.5
6.5
8.0
7.5
8.0
7.0
7.5
8.0
9.0
6.0
6.5
7.0
7.5
6.5
7.0
7.5
8.0
8.5
6.5
7.0
7.5
8.0
6.0
6.5
6.5
7.5
7.5
8.0
9.0
9.5
9.5
10.5
9.0
10.0
9.5
10.0
10.5
11.0
11.5
13.0
10.5
11.0
11.5
12.0
11.0
11.5
11.0
11.5
12.0
11.5
13.0
13.5
14.0
13.5
14.0
12.5
13.0
13.5
14.5
11.5
12.0
12.5
13.0
12.0
12.5
13.0
13.5
14.0
12.0
12.5
13.0
13.0
12.0
12.5
12.0
13.0
13.0
13.5
15.0
15.5
17.0
18.5
16.5
17.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
5.0/7.5/10.0/15.0
15.0/22.5
15.0/22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
100
100
100
200
200
200
100
200
200
200
200
100
200
100
100
100
100
100
100
100
100
100
200
200
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
200
200
4,000
4,000
3,000
3,000
3,000
2,000
4,000
4,000
3,000
3,000
4,000
3,000
4,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,500
1,500
4,000
3,000
3,000
2,000
3,000
3,000
2,000
2,000
2,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
-
-
-
-
-
-
1,000
500
500
500
500
500
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
500
500
500
400
500
500
400
400
400
500
500
400
400
500
500
500
500
400
400
400
300
300
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
400
400
400
300
300
-
-
-
-
-
-
-
-
-
-
-
-
-
500
400
400
400
400
300
300
300
300
-
-
-
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
-
-
-
-
-
-
1,000
500
500
500
500
500
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
125MPKA103□**
125MPKA123□**
125MPKA153□**
125MPKA183□**
125MPKA223□**
125MPKA273□**
125MPKA333□**
125MPKA393□**
125MPKA473□**
125MPKA563□**
125MPKA683□**
125MPKA823□**
125MPKA104□**
125MPKA124□**
125MPKA154□**
125MPKA184□**
125MPKA224□**
125MPKA274□**
125MPKA334□**
125MPKA394□**
125MPKA474□**
125MPKA564□**
125MPKA684□**
125MPKA824□**
125MPKA105□**
275MPKA103□**
275MPKA123□**
275MPKA153□**
275MPKA183□**
275MPKA223□**
275MPKA273□**
275MPKA333□**
275MPKA393□**
275MPKA473□**
275MPKA563□**
275MPKA683□**
275MPKA823□**
275MPKA104□**
275MPKA124□**
275MPKA154□**
275MPKA184□**
275MPKA224□**
275MPKA274□**
275MPKA334□**
275MPKA394□**
275MPKA474□**
275MPKA564□**
275MPKA684□**
275MPKA824□**
275MPKA105□**



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com