Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPN Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPN
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPN Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPN Datasheet HTML 1Page - RUBYCON CORPORATION MPN Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
630Vdc
◆SPECIFICATIONS
±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 60s
JIS C 5101-16, JIS C 5101-1
450Vdc, 630Vdc
−40℃∼+85℃
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
□□□
Rated Voltage
MPN
Series
□□□
Option
□□
Lead Forming
□□□
Capacitance
□
Capacitance Tolerance
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPN
SERIES
MPN
◆FEATURES
・Safety construction.
・Coated with flame-retardant (UL94 V-0) epoxy resin.
・RoHS compliance.
◆OUTLINE
(mm)
Ultra Miniaturized
C≦0.33μF:25000MΩmin
C>0.33μF:7500ΩFmin
TX,TH
TL,TJ,TN
Blank
H7,Y7,17 S7,W7,Q7,K7
A max
F
B max
φd±0.05
F
LS
F
LS
P
LS
P0
P0
P
LS=F
P0
P
LS
 TS(F=10)
◆PERMISSIBLE CURRENT FOR FREQUENCY
450Vdc


Similar Part No. - MPN

ManufacturerPart #DatasheetDescription
logo
Einhell Germany AG
MPN-4311110 EINHELL-MPN-4311110 Datasheet
287Kb / 1P
TCT Saw Blade, 24 Teeth
logo
LEMO Connectors
MPN.V04.GEZ.ZGZ LEMO-MPN.V04.GEZ.ZGZ Datasheet
80Kb / 2P
REDEL MP - Modular Inner Push-Pull
logo
M/A-COM Technology Solu...
MPN1000-12 MA-COM-MPN1000-12 Datasheet
474Kb / 3P
Low Capacitance
MPN1001-12 MA-COM-MPN1001-12 Datasheet
474Kb / 3P
Low Capacitance
MPN1002-12 MA-COM-MPN1002-12 Datasheet
474Kb / 3P
Low Capacitance
More results

Similar Description - MPN

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com