Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPX
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPX Datasheet HTML 1Page - RUBYCON CORPORATION MPX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FILM CAPACITORS
◆FEATURES
・Inverter smoothing capacitors for Industrial equipment.
・Reliability is excellent because these capacitors provide self-healing.
・High isolation andlow loss of polypropylene film used.
・Mounting workability can be improved by stud fixing screw.
・RoHS compliance.
Stud Mounting, Cylindrical Type
SERIES
MPX
MPX
◆PART NUMBER
111
Rated Voltage
MPX
Series
R99
Option
W6
Terminal Code
□□□
Capacitance
A
Capacitance Tolerance
◆SPECIFICATIONS
1100Vdc
Category Temperature Range
Rated Voltage
220μF∼1500μF
−15%∼+5% (A)
6000 Ω・F (20℃ 120s 500Vdc)
4±0.5 Nm
10±1.0 Nm
Between the terminals : Rated Voltage x 1.5 10s
Between the terminal and case : 2000Vdc 10s
Capacitance
Voltage Proof
Insulation Resistance
Terminal Tightening Torque
Fixing Bolt Tightening Torque
Aluminum
Epoxy Resin
Case
Filling Resin
Capacitance Tolerance
−20℃∼+70℃
◆OUTLINE
(mm)
φD±1
M6×9
M12
L±2
16


Similar Part No. - MPX

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
MPX COHERENT-MPX Datasheet
1Mb / 3P
Chameleon MPX
logo
CBC Group. CBC AMERICA ...
MPX COMPUTAR-MPX Datasheet
1Mb / 2P
THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
05.26
logo
MicroPower Direct, LLC
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Sanken electric
MPX-2103 SANKEN-MPX-2103 Datasheet
67Kb / 2P
Ultra-Fast-Recovery Rectifier Diodes
logo
CTS Corporation
MPX0103A CTS-MPX0103A Datasheet
243Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - MPX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
MPCA RUBYCON-MPCA Datasheet
189Kb / 2P
POWER FILM CAPACITORS
MPXA RUBYCON-MPXA Datasheet
114Kb / 1P
POWER FILM CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com