Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPXA
Description  POWER FILM CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPXA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPXA Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER FILM CAPACITORS
◆FEATURES
・Inverter smoothing capacitors for Industrial equipment.
・Reliability is excellent because these capacitors provide self-healing.
・High isolation andlow loss of polypropylene film used.
・Mounting workability can be improved by stud fixing screw.
・RoHS compliance.
SERIES
MPXA
◆SPECIFICATIONS
◆OUTLINE
15μF∼200μF
220Vac∼480Vac
Category Temperature Range
Rated Voltage Range(UR)
Capacitance Range
±10%
(K)
Capacitance Tolerance
−20℃∼+70℃
MPXA
For AC line, Stud Mounting, Cylindrical Type
・Different capacitance and rated voltage item is available. For details, please consult our sales offices.
φD±1
M6×9
M12
L±2
16


Similar Part No. - MPXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPXA4100A6T1 NXP-MPXA4100A6T1 Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPXA4100A6U NXP-MPXA4100A6U Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPXA4100AC6U NXP-MPXA4100AC6U Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
logo
Freescale Semiconductor...
MPXA4101A FREESCALE-MPXA4101A Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPXA4101AC6U FREESCALE-MPXA4101AC6U Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
More results

Similar Description - MPXA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
MPCA RUBYCON-MPCA Datasheet
189Kb / 2P
POWER FILM CAPACITORS
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com