Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MS7
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MS7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MS7_15 Datasheet HTML 1Page - RUBYCON CORPORATION MS7_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
85℃ 7mm Height
◆FEATURES
・RoHS compliance.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS7
SERIES
MS7
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
4∼63Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.35
4
0.24
6.3
0.20
10
0.17
16
0.15
25
0.13
35
0.10
50
0.10
63
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
15
4
10
6.3
8
10
6
16
4
25
4
35
4
7433222
50
4
2
63
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 1000 hrs at 85℃,
the capacitors shall meet the following requirements.
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
MS7
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆OPTION
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50 1.00 1.20 1.30 1.50
0.65
1μF
2.2∼4.7μF
1.00 1.20 1.30 1.50
0.80
10∼47μF
1.00 1.20 1.30 1.50
0.80
100∼470μF
1.00 1.10 1.15 1.20
PET Sleeve
Code
EFC


Similar Part No. - MS7_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MS7H1500C LITTELFUSE-MS7H1500C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
MS7H1500C LITTELFUSE-MS7H1500C Datasheet
600Kb / 3P
POWR-SPEED® Accessories MS Series High-Speed Fuse Microswitch
10/15/2024
More results

Similar Description - MS7_15

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com