Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # NA
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

NA Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  NA Datasheet HTML 1Page - RUBYCON CORPORATION NA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
10
6.3
Size
Ripple
16
Size
Ripple
25
Size
Ripple
Size
Ripple
33
47
100
220
330
470
1000
77
100
80
130
175
295
380
220
325
415
695
115
205
240
345
550
10×16
425
8×11.5
8×11.5
160
100
5×11
225
6.3×11
10×20
8×11.5
8×11.5
10×12.5
8×11.5
10×12.5
6.3×11
6.3×11
5×11
6.3×11
5×11
12.5×20
10×16
8×11.5
510
10×12.5
10×16
10×20
250
50
35
Size
Ripple
63
Size
Ripple
100
Size
Ripple
Size
Ripple
1
2.2
3.3
4.7
10
33
22
47
100
220
330
470
10×20
390
12.5×20
540
12.5×25
640
10×12.5
90
65
5×11
110
6.3×11
6.3×11
220
10×16
235
12.5×20
460
12.5×25
590
8×11.5
72
40
5×11
35
5×11
25
5×11
19
5×11
12
5×11
95
6.3×11
45
35
5×11
6.3×11
6.3×11
130
10×20
250
12.5×25
490
10×12.5
140
8×11.5
100
8×11.5
82
37
27
5×11
20
5×11
15
5×11
6.3×11
10×20
10×16
165
12.5×25
285
125
10×12.5
96
8×11.5
65
φD
φd
F
5
0.5
0.6
2.0
6.3
2.5
8
3.5
10
5.0
12.5
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NA
Vdc
Cap
(μF)
Vdc
Cap
(μF)
◆STANDARD SIZE              Size φD×L(mm), Rated Ripple Current (mA r.m.s./85℃, 120Hz)
L+1.5MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com