Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # NXG
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

NXG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  NXG Datasheet HTML 1Page - RUBYCON CORPORATION NXG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
NXG
400
420
Rated Voltage
(Vdc)
Capacitance
(μF)
Capacitance
(μF)
Rated Ripple Current
(A.r.m.s 105℃,120Hz)
Size
φD×L (mm)
150
180
180
180
220
220
220
220
270
270
330
330
390
390
470
470
560
150
180
180
220
220
220
270
270
270
330
330
390
390
470
20×45
20×50
22×40
25×35
22×50
25×40
30×30
35×25
25×45
30×35
30×40
35×30
30×45
35×35
30×50
35×40
35×50
20×45
22×45
25×35
25×40
30×30
35×25
25×50
30×35
35×30
30×40
35×35
30×50
35×40
35×45
1.22
1.37
1.33
1.32
1.55
1.50
1.43
1.34
1.70
1.63
1.84
1.63
2.04
1.85
2.26
2.07
2.45
1.20
1.35
1.29
1.47
1.39
1.31
1.73
1.59
1.53
1.80
1.75
2.09
1.95
2.16
450
Rated Voltage
(Vdc)
Rated Ripple Current
(A.r.m.s 105℃,120Hz)
Size
φD×L (mm)
120
150
150
150
180
180
180
180
220
220
270
270
330
330
390
390
470
20×45
20×50
22×45
25×35
22×50
25×40
30×30
35×25
25×45
30×35
30×40
35×30
30×45
35×35
30×50
35×40
35×50
1.11
1.25
1.26
1.21
1.41
1.37
1.31
1.24
1.55
1.49
1.69
1.52
1.90
1.74
2.10
1.94
2.29



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com