Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # PAV
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

PAV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  PAV Datasheet HTML 1Page - RUBYCON CORPORATION PAV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
100
120
180
220
68
82
100
150
33
39
56
68
22
27
33
47
35
25
50
63
8×12
8×15
10×12
10×15
8×12
8×15
10×12
10×15
8×12
8×15
10×12
10×15
8×12
8×15
10×12
10×15
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
500
600
900
1100
476
574
700
1050
330
390
560
680
277
340
416
592
31
29
29
28
34
31
29
28
36
34
30
29
37
35
31
30
2000
2300
2400
2800
1900
2300
2300
2700
1700
2000
2200
2600
1700
2000
2200
2500
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PAV
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L (mm)
(tanδ)
(120Hz,
20℃)
Leakage Current
(μA/2min)
E.S.R.
(mΩ,max/20℃, 100kHz)
Rated Ripple Current
(mArms/100kHz)
◆DIMENSIONS
(mm)
φD
L
A1
B1
12
8
8.3
8.3
15
10
12
15
10.3
10.3
C
W1
P
2.9
0.8∼1.1
3.1
3.2
0.8∼1.1
4.5
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com