Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1321 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1321
Description  10-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1321 Datasheet(HTML) 3 Page - Microchip Technology

  TC1321 Datasheet HTML 1Page - Microchip Technology TC1321 Datasheet HTML 2Page - Microchip Technology TC1321 Datasheet HTML 3Page - Microchip Technology TC1321 Datasheet HTML 4Page - Microchip Technology TC1321 Datasheet HTML 5Page - Microchip Technology TC1321 Datasheet HTML 6Page - Microchip Technology TC1321 Datasheet HTML 7Page - Microchip Technology TC1321 Datasheet HTML 8Page - Microchip Technology TC1321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21387B-page 3
TC1321
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD) ............................................. +6V
Voltage onany Pin ... (GND –0.3V) to (VDD +0.3V)
Current on any Pin ............................................ ±50mA
Package Thermal Resistance (
θJA)............ 330°C C/W
Operating Temperature (TA)........................ See Below
Storage Temperature (TSTG) .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1321 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 2.7V to 5.5V, -40°C ≤ TA ≤ +85°C, VREF = 1.2 unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Power Supply
VDD
Supply Voltage
2.7
—
5.5
V
IDD
Operating Current
—
350
500
mA
VDD =5.5V, VREF =1.2V
Serial Port Inactive (Note 1)
IDD-STANDBY
Standby Supply Current
—
0.1
1
µAVDD =3.3V
Serial Port Inactive (Note 1)
Static Performance - Analog Section
Resolution
—
—
10
Bits
INL
Integral Non-Linearity at FS, TA = +25°C
—
—
±4.0
LSB
(Note 2)
FSE
Full Scale Error
—
—
±3
%FS
DNL
Differential Non-Linearity, TA = +25°C
-1
—
+2
LSB
All Codes (Note 2)
VOS
Offset Error at VOUT
—±0.3
±8
mV
(Note 2)
TCVOS
Offset Error Tempco at VOUT
—10
—
µv/°C
PSRR
Power Supply Rejection Ratio
—
80
—
dB
VDD at DC
VREF
Voltage Reference Range
0
—
VDD –1.2
V
IREF
Reference Input Leakage Current
—
—
±1.0
µA
VSW
Voltage Swing
0
—
VREF
VVREF ≤ (VDD –1.2V)
ROUT
Output Resistance @ VOUT
—5.0
—
Ω
ROUT (Ω)
IOUT
Output Current (Source or Sink)
—
2
—
mA
ISC
Output Short-Circuit Current
VDD =5.5V
—
—
30
20
50
50
mA
mA
Source
Sink
Dynamic Performance
SR
Voltage Output Slew Rate
—
0.8
—
V/
µs
tSETTLE
Output Voltage Full Scale Settling Time
—
10
—
µsec
tWU
Wake-up Time
—
20
—
µs
Digital Feed Through and Crosstalk
—
5
—
nV-s
SDA = VDD,SCL = 100kHz
Serial Port Interface
VIH
Logic Input High
2.4
—
VDD
V
VIL
Logic Input Low
—
—
0.6
—
VOL
SDA Output Low
—
—
—
—
0.4
0.6
V
V
IOL = 3mA (Sinking Current)
IOL =6mA
CIN
Input Capacitance SDA, SCL
—
5
0.4
pF
ILEAK
I/O Leakage
—
—
±1.0
µA
Note
1:
SDA and SCL must be connected to VDD or GND.
2:
Measured at VOUT ≥ 50mV referred to GND to avoid output buffer clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com