Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1322 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1322
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1322 Datasheet HTML 2Page - Microchip Technology TC1322 Datasheet HTML 3Page - Microchip Technology TC1322 Datasheet HTML 4Page - Microchip Technology TC1322 Datasheet HTML 5Page - Microchip Technology TC1322 Datasheet HTML 6Page - Microchip Technology TC1322 Datasheet HTML 7Page - Microchip Technology TC1322 Datasheet HTML 8Page - Microchip Technology TC1322 Datasheet HTML 9Page - Microchip Technology TC1322 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1322
DS21388B-page 6
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1322 is a monolithic 10-bit digital-to-analog
converter that is designed to operate from a single sup-
ply that can range from 2.7V to 5.5V. The DAC consists
of a data register (DATA), a configuration register
(CONFIG), and a current output amplifier. The TC1322
uses an external reference, which also determines the
maximum output voltage.
The TC1322 uses a current steering DAC based on an
array of matched current sources. This current, along
with a precision resistor, converts the contents of the
Data register and VREF into an output voltage, VOUT
given by:
VOUT =VREF (DATA/4096)
3.1
Reference Input
The reference pin, VREF, is a buffered high-impedance
input and because of this, the load regulation of the ref-
erence source needs only to be able to tolerate leakage
levels of current (less than 1
µA). VREF accepts a volt-
age range from 0 to (VDD – 1.2V). Input capacitance is
typically 10pF.
3.2
Output Amplifier
The TC1322 DAC output is buffered with an internal
unity gain rail-to-rail input/output amplifier with a typical
slew rate of 0.8V/
µsec. Maximum full scale transition
settling time is 10
µsec to within ±1/2LSB when loaded
with 1k
Ω in parallel with 100pF.
3.3
Standby Mode
The TC1322 allows the host to put it into a Low Power
(IDD =0.5µA, typical) Standby mode. In this mode, the
D/A conversion is halted. The SMBus port operates
normally. Standby mode is enabled by setting the
SHDN bit in the CONFIG register. The table below
summarizes this operation.
TABLE 3-1:
STANDBY MODE OPERATION
3.4
SMBus Slave Address
The TC1322 is internally programmed to have a default
SMBus address value of 1001
000b
. Seven other
addresses are available by custom order (contact fac-
tory). See Figure 3-1 for location of address bits in
SMBus protocol.
SHDN Bit
Operating Mode
0Normal
1
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com