Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXM Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # YXM
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXM Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  YXM Datasheet HTML 1Page - RUBYCON CORPORATION YXM Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXM
SERIES
YXM
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
±20%
(20℃,
120Hz)
Load Life : 105℃ 10000 hours, Miniaturized
◆FEATURES
・Miniaturized, Long Life.(Temperature Range:-40℃∼+105℃)
・RoHS compliance.
−40∼+105℃
10∼100Vdc
I=0.01CV or 3μA whichever is greater. (After 2 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.45 0.35
10
0.30
16
0.22
25
0.19
35
0.17
50
0.15
63 100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 10000 hou
r
sat 105℃,
the capacitors shall meet the following requirements.
(20℃,
120Hz)
(120Hz)
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃) 86
10
4
16
4
25
3
35
3
50
3
63 100
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
YXM
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆OPTION
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.55
0.75
0.90
1.00
22∼33μF
0.42
0.60
0.80
1.00
1∼10μF
0.70
0.85
0.95
1.00
47∼330μF
PET Sleeve
(−40∼+105℃)
Code
※PET Sleeve −25℃∼+105℃
(EFC)
is also available, please consult our sales offices.
※
EFR


Similar Part No. - YXM

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - YXM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com